PART |
Description |
Maker |
ISL6569ACR-T ISL6569ACB ISL6569ACB-T ISL6569A |
PWM Controller, 2-Phase, 5-Bit DAC, Reg .5%, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
ISL6563CR |
Two-Phase Multi-Phase Buck PWM Controller with Integrated MOSFET Drivers SWITCHING CONTROLLER, 255 kHz SWITCHING FREQ-MAX, PQCC24
|
Intersil, Corp.
|
ISL6569ACBZ-T |
2 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24 Multi-Phase PWM Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp.
|
ISL6563 ISL6563CR ISL6563CR-T ISL6563CRZ ISL6563EV |
Two-Phase Multi-Phase Buck PWM Controller with Integrated MOSFET Drivers
|
INTERSIL[Intersil Corporation]
|
ISL6590 ISL6590DR ISL6580 |
PWM, Integrated Power Stage, 25A Peak, VIN =12V, with Low Side MOSFET Driver and Serial Control Interface, use with ISL6590 VRM10 Apps PWM Controller, Digital Multiphase VRM10, VOUT = 0.8375V to 1.60V @ 120A (using 6x ISL6580), Serial Interface to ISL6580, Programmable AVP Digital Multi-Phase PWM Controller for Core-Voltage Regulation
|
Intersil Corporation
|
EPM5032LC-20 EPM5032LI-25 EPM5032DC-15 EPM5032DC-2 |
UV-Erasable/OTP PLD Eval Board for ISL6504 Multiple Linear Power Controller with ACPI Control Interface Eval Board for ISL6296 FlexiHash For Battery Authentication Eval Board for ISL6527A Single Synchronous Buck Pulse-Width Modulation (PWM) Controller Eval Board for ISL6520 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller UV-Erasable/OTP可编程逻辑器件 Eval Board for ISL6310 Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
|
Cypress Semiconductor, Corp.
|
ISL6306CRZ-TK ISL6306IRZ |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing 4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision RDS(ON) or DCR Differential Current Sensing SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
UP9505 UP9505PQGW |
Phase PWM Controller
|
uPI Group Inc.
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
ISL6327A |
Enhanced 6-Phase PWM Controller
|
Intersil Corporation
|